Part Number Hot Search : 
MAX2903 ACA0861A STE0515 033EF02 BAV199 BFE505 HC705 A1101
Product Description
Full Text Search
 

To Download GP1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1001 THRU GP1007
10.0 AMPS. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 10.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Cases: TO-220 molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/10 seconds .16",(4.06mm) from case. Weight: 2.24 grams
PIN 1 PIN 3 Positive CT CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol GP GP Type Number 1001 1002 50 100 Maximum Recurrent Peak Reverse Voltage VRRM 35 70 Maximum RMS Voltage VRMS 50 100 Maximum DC Blocking Voltage VDC
Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @5.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage Typical Junction Capacitance ( Note 1) Typical Thermal Resistance (Note 2)
GP GP GP GP GP Units 1003 1004 1005 1006 1007
200 140 200
400 280 400 10.0 125 1.1 5.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA
I(AV) IFSM VF IR
30 pF 3.0 /W - 65 to + 150 Operating and Storage Temperature Range TJ ,TSTG Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2" x 3" x 0.25" Al-Plate
RJC
Cj
- 488 -
RATINGS AND CHARACTERISTIC CURVES (GP1001 THRU GP1007)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
12
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
175
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
150 125 100 75 50 25 0 8.3ms Single Half Sine Wave JEDEC Method
10
8
6
Single Phase Half Wave 60Hz Resistive of Inductive Load
4
2 0 50 CASE TEMPERATURE. ( C)
o
100
150
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
400 200 100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
40
INSTANTANEOUS FORWARD CURRENT. (A)
40 20 10
INSTANTANEOUS REVERSE CURRENT. ( A)
10
Tj=125 0C
4 2 1.0
4 2 1 Tj=25oC Pulse Width=300 s 1% Duty Cycle
Tj=25 0C
.4 .2 .1
0.4 0.2 0.1
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
120
JUNCTION CAPACITANCE.(pF)
100
80
60
40
f=10 MHz Vsig 50Mvp-p
Tj=25 0C
20
0 0.1 0.5 1.0 4 10 40 100 400 1000 REVERSE VOLTAGE. (V)
- 489 -


▲Up To Search▲   

 
Price & Availability of GP1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X